PART |
Description |
Maker |
MAX3186 MAX3186CAP MAX3186CWP MAX3186EAP MAX3186EW |
±15kV ESD-Protected, EMC Compliant, 230kbps RS-232 Serial Port for Modems 【15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Modems ±15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Modems 15kV ESD-Protected / EMC-Compliant / 230kbps RS-232 Serial Port for Modems 2.5-V/3.3-V Oscillator Gain Stage/Buffer with Enable 8-WSON -40 to 85 5kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Modems LINE TRANSCEIVER, PDSO20 ??5kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Modems
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
MAX3180E MAX3180EEUK-T MAX3181EEUK-T MAX3182EEUK-T |
±15kV ESD-Protected, 0.5µA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23 5 15kV ESD-Protected, 0.5A, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5 "?à15kV ESD-Protected, 0.5?A, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23 5" ±15kV ESD-Protected, 0.5μA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5 15kV ESD-Protected 0.5A 3V to 5.5V 1.5Mbps RS-232 Receivers in SOT23-5 15kV ESD-Protected / 0.5A / 3V to 5.5V / 1.5Mbps RS-232 Receivers in SOT23-5 5kV ESD-Protected, 0.5レA, 3V to 5.5V, 1.5Mbps RS-232 Receivers in SOT23-5 LINE RECEIVER, PDSO5
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX3070E MAX3070EAPD MAX3070EASD MAX3070EEPD MAX30 |
3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers 3.3V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers " 3.3V, ?5kV ESD-Protected, Fail-Safe, Hot-Swap, Half-Duplex, 16Mbps RS-485/RS-422 Transceivers" " 3.3V, ?5kV ESD-Protected, Fail-Safe, Hot-Swap, Half-Duplex, 250kbps RS-485/RS-422 Transceivers" " 3.3V, ?5kV ESD-Protected, Fail-Safe, Hot-Swap, Full/Half-Duplex RS-485/ RS-422 Transceivers" " 3.3V, ?5kV ESD-Protected, Fail-Safe, Hot-Swap, Full-Duplex, 250kbps RS-485/RS-422 Transceivers" 3.3V 15kV ESD-Protected Fail-Safe Hot-Swap RS-485/RS-422 Transceivers 3.3V, 卤15kV ESD-Protected, Fail-Safe,
Hot-Swap, RS-485/RS-422 Transceivers 3.3V / 15kV ESD-Protected / Fail-Safe / Hot-Swap / RS-485/RS-422 Transceivers 3.3V, 【15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
5962-0620705 5962-0620706 5962-0620707 5962-062070 |
5kV ESD Protected, 5.0V, 1A, 250kbps, RS-232 Transmitter/Receiver
|
Intersil
|
5962-0620701 5962-0620702 5962-0620703 5962-062070 |
5kV ESD Protected, 3.3V, 1A, 250kbps, RS-232 Transmitter/Receiver
|
Intersil
|
ST3237ECTR ST3237E ST3237EBD ST3237EBDR ST3237EBPR |
?5KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY ?5KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
|
STMICROELECTRONICS[STMicroelectronics]
|
MAX3160ECAP MAX3160EEAP MAX3161EEAG MAX3162EEAI MA |
卤5kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/RS-422 Multiprotocol Transceivers 5kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/RS-422 Multiprotocol Transceivers 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors Octal LVDS Receiver 38-TSSOP -40 to 85
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor MAXIM INTEGRATED PRODUCTS INC
|
ISL3150E08 ISL3152EIPZ |
【16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
|
Intersil Corporation
|
ISL3156EIBZ ISL3152EIPZ ISL3152EIBZ ISL3152EIUZ IS |
5V Full Duplex, 1Mbps Slew Rate Limited, IEC61000 ESD Protected with 2.4V Vod RS-485/RS-422 Transceiver ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers ±16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
|
Intersil Corporation
|
ISL32173E ISL32173EIVZ-T ISL32177E ISL32175E |
QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
|
Intersil Corporation
|
MAX3311E MAX3311ECUB MAX3311EEUB MAX3311E-MAX3313E |
Quad LVDS Receiver with -4 to 5V Common-mode Range 16-SOIC -40 to 85 ±15kV ESD保护60kbpsµA、RS-232兼容收发器,µMAX封装 ±.15kV ESD-Protected.460kbps.1µ.A.RS-232-Compatible Transceivers in µ.MAX ±15kV ESD-Protected, 460kbps, 1μA, RS-232-Compatible Transceivers in μMAX 15kV ESD-Protected, 460kbps, 1A, RS-232-Compatible Transceivers in MAX " ?à15kV ESD-Protected, 460kbps, 1?A, RS-232-Compatible Transceivers in ?MAX" 15kV ESD-Protected 460kbps 1A RS-232-Compatible Transceivers in MAX 【15kV ESD-Protected, 460kbps, 1レA, RS-232-Compatible Transceivers in レMAX 15kV ESD-Protected / 460kbps / 1A / RS-232-Compatible Transceivers in MAX ±15kV ESD-Protected, 460kbps, 1µA, RS-232-Compatible Transceivers in µMAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
|